Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62201DBVT Datasheet HTML 7Page - Texas Instruments TPS62201DBVT Datasheet HTML 8Page - Texas Instruments TPS62201DBVT Datasheet HTML 9Page - Texas Instruments TPS62201DBVT Datasheet HTML 10Page - Texas Instruments TPS62201DBVT Datasheet HTML 11Page - Texas Instruments TPS62201DBVT Datasheet HTML 12Page - Texas Instruments TPS62201DBVT Datasheet HTML 13Page - Texas Instruments TPS62201DBVT Datasheet HTML 14Page - Texas Instruments TPS62201DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1
C1
2
10 kHz
R1
=
´ p ´
´
out
R1
V
0.5 V
1
R2
æ
ö
=
´
+
ç
÷
è
ø
VI
GND
EN
SW
FB
C3
4.7 mF
L1
10 mH
C4
10 mF
TPS62200
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
R1
470k
R2
180k
C1
33 pF
C2
100 pF
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
www.ti.com
SLVS417F – MARCH 2002 – REVISED JUNE 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS6220x devices are a family of high-efficiency synchronous step-down converters ideally suited for
portable systems powered by 1-cell Li-Ion or 3-cell NiMH/NiCd batteries. The devices are also suitable to operate
from a standard 3.3-V or 5-V voltage rail.
8.2 Typical Application
Figure 5. Typical Application Circuit for the Adjustable Output Voltage
8.2.1 Design Requirements
The Detailed Design Procedure provides a component selection to operate the device within the Recommended
Operating Conditions.
8.2.2 Detailed Design Procedure
8.2.2.1 Adjustable Output Voltage Version
When the adjustable output voltage version TPS62200 is used, the output voltage is set by the external resistor-
divider. See Figure 5.
The output voltage is calculated as:
where
•
R1 + R2
≤ 1 MΩ and internal reference voltage V(ref)typ = 0.5 V.
(4)
R1 + R2 should not be greater than 1 M
Ω for reasons of stability. To keep the operating quiescent current to a
minimum, the feedback resistor-divider should have high impedance with R1+R2
≤ 1 MΩ. Because of the high
impedance and the low reference voltage of Vref = 0.5 V, the noise on the feedback pin (FB) needs to be
minimized. Using a capacitive divider C1 and C2 across the feedback resistors minimizes the noise at the
feedback without degrading the line or load transient performance.
C1 and C2 should be selected as:
where
•
R1 = upper resistor of voltage divider.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com