Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62201DBVT Datasheet HTML 6Page - Texas Instruments TPS62201DBVT Datasheet HTML 7Page - Texas Instruments TPS62201DBVT Datasheet HTML 8Page - Texas Instruments TPS62201DBVT Datasheet HTML 9Page - Texas Instruments TPS62201DBVT Datasheet HTML 10Page - Texas Instruments TPS62201DBVT Datasheet HTML 11Page - Texas Instruments TPS62201DBVT Datasheet HTML 12Page - Texas Instruments TPS62201DBVT Datasheet HTML 13Page - Texas Instruments TPS62201DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PFM Mode at Light Load
Comparator High
Comparator Low
Comparator Low 2
PWM Mode at Medium to Full Load
1.6%
0.8%
VO
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
www.ti.com
Device Functional Modes (continued)
The N-channel rectifier is turned on and the inductor current ramps down. As the inductor current approaches
zero, the N-channel rectifier is turned off and the P-channel switch is turned on again, starting the next pulse.
The converter continues these pulses until the comparator high threshold (set to typically 1.6% above Vout
nominal) is reached. The converter enters a sleep mode, reducing the quiescent current to a minimum. The
converter wakes up again as the output voltage falls below the comparator low threshold again. This control
method reduces the quiescent current typically to 15 µA and reduces the switching frequency to a minimum,
thereby achieving the high converter efficiency. Setting the skip current thresholds to typically 0.8% and 1.6%
above the nominal output voltage at light load current results in a dynamic output voltage achieving lower
absolute voltage drops during heavy load transient changes. This allows the converter to operate with a small
output capacitor of just 10 µF and still have a low absolute voltage drop during heavy load transient changes.
See Figure 4 for detailed operation of the power save mode.
Figure 4. Power Save Mode Thresholds and Dynamic Voltage Positioning
The converter enters the fixed frequency PWM mode again as soon as the output voltage falls below the
comparator low 2 threshold.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com