Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62201DBVT Datasheet HTML 8Page - Texas Instruments TPS62201DBVT Datasheet HTML 9Page - Texas Instruments TPS62201DBVT Datasheet HTML 10Page - Texas Instruments TPS62201DBVT Datasheet HTML 11Page - Texas Instruments TPS62201DBVT Datasheet HTML 12Page - Texas Instruments TPS62201DBVT Datasheet HTML 13Page - Texas Instruments TPS62201DBVT Datasheet HTML 14Page - Texas Instruments TPS62201DBVT Datasheet HTML 15Page - Texas Instruments TPS62201DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Vout
Vin
L
L
L max
out max
1
I
I
Vout
I
I
L
f
2
-
D
D
=
´
=
+
´
C1
R
R1
C
2
2 =
´
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
•
C1 = upper capacitor of voltage divider.
(5)
For C1 a value should be chosen that comes closest to the calculated result.
where
•
R2 = lower resistor of voltage divider.
•
C2 = lower capacitor of voltage divider.
(6)
For C2 the selected capacitor value should always be selected larger than the calculated result. For example, in
Figure 5 for C2, 100 pF are selected for a calculated result of C2 = 86.17 pF.
If quiescent current is not a key design parameter, C1 and C2 can be omitted, and a low-impedance feedback
divider must be used with R1+R2 <100 k
Ω. This design reduces the noise available on the feedback pin (FB) as
well, but increases the overall quiescent current during operation.
8.2.2.2 Inductor Selection
The TPS6220x device is optimized to operate with a typical inductor value of 10 µH.
For high efficiencies, the inductor should have a low DC resistance to minimize conduction losses. Although the
inductor core material has less effect on efficiency than its DC resistance, an appropriate inductor core material
must be used.
The inductor value determines the inductor ripple current. The larger the inductor value, the smaller the inductor
ripple current, and the lower the conduction losses of the converter. On the other hand, larger inductor values
cause a slower load transient response. Usually the inductor ripple current, as calculated below, is around 20%
of the average output current.
To avoid saturation of the inductor, the inductor should be rated at least for the maximum output current of the
converter plus the inductor ripple current that is calculated as:
where
•
f = switching frequency (1 MHz typical, 650 kHz minimal).
•
L = inductor value.
•
ΔIL = peak-to-peak inductor ripple current.
•
ILmax = maximum inductor current.
(7)
The highest inductor current occurs at maximum Vin.
A more conservative approach is to select the inductor current rating just for the maximum switch current of
670 mA. Refer to Table 2 for inductor recommendations.
Table 2. Recommended Inductors
INDUCTOR VALUE
COMPONENT SUPPLIER
COMMENTS
10 µH
Sumida CDRH5D28-100
High efficiency
10 µH
Sumida CDRH5D18-100
10 µH
Sumida CDRH4D28-100
10 µH
Coilcraft DO1608-103
6.8 µH
Sumida CDRH3D16-6R8
Smallest solution
10 µH
Sumida CDRH4D18-100
10 µH
Sumida CR32-100
10 µH
Sumida CR43-100
10 µH
Murata LQH4C100K04
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com