Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS62201DBVT Datasheet HTML 13Page - Texas Instruments TPS62201DBVT Datasheet HTML 14Page - Texas Instruments TPS62201DBVT Datasheet HTML 15Page - Texas Instruments TPS62201DBVT Datasheet HTML 16Page - Texas Instruments TPS62201DBVT Datasheet HTML 17Page - Texas Instruments TPS62201DBVT Datasheet HTML 18Page - Texas Instruments TPS62201DBVT Datasheet HTML 19Page - Texas Instruments TPS62201DBVT Datasheet HTML 20Page - Texas Instruments TPS62201DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
VI
GND
EN
SW
FB
C1
4.7 mF
L1
10 mH
C2
10 mF
TPS62200
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
R1
R2
Cff
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
www.ti.com
SLVS417F – MARCH 2002 – REVISED JUNE 2015
9 Power Supply Recommendations
The TPS6220x device family has no special requirements for its input power supply. The input power supply's
output current needs to be rated according to the supply voltage, output voltage, and output current of the
TPS6220x.
10 Layout
10.1 Layout Guidelines
•
For all switching power supplies, the layout is an important step in the design, especially at high peak
currents and switching frequencies. If the layout is not carefully done, the regulator shows stability problems
as well as EMI problems.
•
Therefore use wide and short traces for the main current paths, as indicated in bold in Figure 19. The input
capacitor should be placed as close as possible to the IC pins.
•
The feedback resistor network must be routed away from the inductor and switch node to minimize noise and
magnetic interference. To further minimize noise from coupling into the feedback network and feedback pin,
the ground plane or ground traces must be used for shielding. This becomes very important especially at high
switching frequencies of 1 MHz.
10.2 Layout Example
Figure 19. Layout Diagram
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com