Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AI Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32L4S5AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AI Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32L4S5AI Datasheet HTML 117Page - STMicroelectronics STM32L4S5AI Datasheet HTML 118Page - STMicroelectronics STM32L4S5AI Datasheet HTML 119Page - STMicroelectronics STM32L4S5AI Datasheet HTML 120Page - STMicroelectronics STM32L4S5AI Datasheet HTML 121Page - STMicroelectronics STM32L4S5AI Datasheet HTML 122Page - STMicroelectronics STM32L4S5AI Datasheet HTML 123Page - STMicroelectronics STM32L4S5AI Datasheet HTML 124Page - STMicroelectronics STM32L4S5AI Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 275 page
background image
DocID030322 Rev 2
121/275
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
Electrical characteristics
250
6.3
Operating conditions
6.3.1
General operating conditions
Table 21. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock
frequency
-
0
120
MHz
fPCLK1
Internal APB1 clock
frequency
-
0
120
fPCLK2
Internal APB2 clock
frequency
-
0
120
VDD
Standard operating
voltage
-
1.71
(1)
3.6
V
VDDIO2
PG[15:2] I/Os supply
voltage
At least one I/O in PG[15:2]
used
1.08
3.6
PG[15:2] not used
0
3.6
VDDA
Analog supply voltage
ADC or COMP used
1.62
3.6
DAC or OPAMP used
1.8
VREFBUF used
2.4
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6
VDDUSB USB supply voltage
USB used
3.0
3.6
V
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
BOOT0
0
9
All I/O except BOOT0 and
TT_xx
-0.3
MIN(MIN(VDD,
VDDA, VDDIO2,
VDDUSB,
VLCD)+3.6 V,
5.5 V)(2)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com