Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AI Datasheet(PDF) 273 Page - STMicroelectronics

Part # STM32L4S5AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AI Datasheet(HTML) 273 Page - STMicroelectronics

Back Button STM32L4S5AI Datasheet HTML 267Page - STMicroelectronics STM32L4S5AI Datasheet HTML 268Page - STMicroelectronics STM32L4S5AI Datasheet HTML 269Page - STMicroelectronics STM32L4S5AI Datasheet HTML 270Page - STMicroelectronics STM32L4S5AI Datasheet HTML 271Page - STMicroelectronics STM32L4S5AI Datasheet HTML 272Page - STMicroelectronics STM32L4S5AI Datasheet HTML 273Page - STMicroelectronics STM32L4S5AI Datasheet HTML 274Page - STMicroelectronics STM32L4S5AI Datasheet HTML 275Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 273 / 275 page
background image
DocID030322 Rev 2
273/275
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
Ordering information
274
8
Ordering information
Table 129. STM32L4Sxxx ordering information scheme
Example:
STM32
L
4Sx
V
I
T
6
TR
Device family
STM32 =
Arm® based 32-bit microcontroller
Product type
L = ultra-low-power
Device subfamily
4S5 = STM32L4S5xx
4S7 = STM32L4S7xx, LCD-TFT, Chrom-GRC™
4S9 = STM32L4S9xx, LCD-TFT Chrom-GRC™ and DSI Host
Pin count
V = 100 pins
Q = 132 balls
Z = 144 pins/balls
A = 169 balls
Flash memory size
I = 2 Mbytes of Flash memory
Package
T = LQFP
I = UFBGA (7 x 7 mm)
J = UFBGA (10 x 10 mm)
Y = WLCSP
Temperature range
6 = Industrial temperature range, -40 to 85 °C (105 °C junction)
3 = Industrial temperature range, -40 to 125 °C (130°C junction)
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com