Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3017LEX/NOPB Datasheet HTML 9Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 10Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 11Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 12Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 13Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 14Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 15Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 16Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LM3017
www.ti.com
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.6 Start-Up Pass-Through Mode
During start-up in pass mode, the current limit is defined by VLIM2 = 100 mV (typical) in Electrical Characteristics,
for the first TLIM2 = 3.6 ms (typical). The current is limited to VLIM2 / RSEN, for this period. Once the TLIM2 = 3.6 ms
(typical) timer has finished, the current limit is reduced to VLIM1 = 85 mV (typical). For the first TLIM2 = 3.6 ms
(typical) of the start-up, the latch-off feature is not enabled; however, the current is always limited to VLIM2 / RSEN.
This higher limit allows the part to start up normally. If the current limit is still tripped at the end of TLIM2 = 3.6 ms
(typical), the TLIM1 = 900 µs (typical) timer is started. Once the TLIM1= 900 µs time has expired, the pass FET(Q2)
is latched off. This gives a total current-limited time of TLIM1+ TLIM2 = 4.5 ms (typical), in cases where the LM3017
is started into a short circuit at the output.
Figure 15. Current Limit and Short-Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com