Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3017LEX/NOPB Datasheet HTML 1Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 2Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 3Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 4Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 5Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 6Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 7Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 8Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
30180903
3
LM3017
www.ti.com
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
A = Analog, G = Ground, O = Output, P = Power
5 Pin Configuration and Functions
NKL Package
10-Pin WQFN
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VCC
O
Driver supply voltage pin: output of internal regulator powering low side NMOS driver. A minimum of
0.47 µF must be connected from this pin to PGND for proper operation.
2
DR
O
Low-side NMOS gate driver output: output gate drive to low side NMOS gate.
3
PGND
G
Power ground: ground for power section. External power circuit reference. Must be connected to
AGND at a single point.
4
VG
O
High side NMOS gate driver output: output gate drive to high side NMOS gate.
5
EN/MODE
A
Multi-function input pin: this input provides for chip enable, and mode selection. See Device
Functional Modes for details.
6
FB
A
Feed-back input pin: negative input to error amplifier. Connect to feedback resistor tap to regulate
output.
7
COMP
A
Compensation pin: a resistor and capacitor combination connected to this pin provides frequency
compensation for the regulator control loop.
8
AGND
G
Analog ground: ground for analog control circuitry. Reference point for all stated voltages.
9
ISEN
A
Current sense input: current sense input, with respect to VIN, for all current limit functions.
10
VIN
P
Power supply input pin: input supply to regulator. See Application and Implementation for
recommendations on bypass capacitors on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com