Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3017LEX/NOPB Datasheet HTML 20Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 21Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 22Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 23Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 24Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 25Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 26Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 27Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
FB
IN
m
COMP
OUT
OUT
C
O
SEN
V
V
1
1
| T |
G
R
1
V
V
2
f
C
A R
=
´
´
´
´
´
=
p ´
´
´
R
C
f
f
5
£
COMP
COMP2
P2
COMP
COMP2
COMP
C
C
C
C
R
+
w
=
´
´
FBB
m
FBB
FBT
P1
COMP
COMP2
R
G
R
R
C
C
´
+
w
=
+
Z1
COMP
COMP
1
C
R
w
=
´
P1
Z1
VA
P2
s
1
G
(s)
s
s 1
æ
ö
w
+
ç
÷
w
è
ø
=
æ
ö
+
ç
÷
w
è
ø
(
)
n
C
1
1
Q
M
1 D
1
0.5
M
=
é
ù
æ
ö
p ´
-
´
+
-
ê
ú
ç
÷
ê
ú
è
ø
ë
û
24
LM3017
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
The sampling double pole quality factor is Equation 46.
(46)
The sampling double corner frequency is Equation 47.
ωn = π × fS
(47)
The natural inductor current slope is Equation 48.
M1 = RSEN × VIN / L
(48)
The external ramp slope is Equation 49.
MC = (VSL + ΔVSL) × fS
(49)
A step-up converter produces an undesirable right-half plane zero in the regulation feedback loop. This requires
compensating the regulator such that the crossover frequency occurs well below the frequency of the right-half
plane zero
8.2.2.13.1
Compensation Network Components Calculations
As shown in Figure 25, the LM3017 uses a compensation network base on a transconductance amplifier. The
closed-loop transfer function is defined with Equation 50 through Equation 54.
T(s) = GVA(s) × GVC(s)
where
•
GVA(s) is the transfer function implemented by the compensation network
(50)
(51)
(52)
(53)
(54)
To stabilize the regulator, ensure that the regulator crossover frequency is less than or equal to one-fifth of the
right-half plane zero with Equation 55.
(55)
To determine the crossover frequency it is important to note that, at that frequency, the compensation impedance
(ZCOMP) is dominated by a resistor, and the output impedance (ZOUT) is dominated by the impedance of an output
capacitor. Therefore, when solving for the crossover frequency, the equation (by definition of the crossover
frequency) of the loop gain is simplified to Equation 56.
where
•
|T| is the loop gain magnitude
•
VFB is feedback voltage, 1.275 V
•
VOUT is the output voltage
•
VIN is the input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com