Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3017LEX/NOPB Datasheet HTML 10Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 11Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 12Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 13Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 14Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 15Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 16Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 17Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
GND
FB
PGND
VG
DR
VIN
LM3017
COMP
VCC
EN/MODE
ISEN
AGND
CIN1
CBYP
CVCC
CCOMP2
CCOMP
RCOMP
L1
Q2
Q1
RFBT
RFBB
CO2
CO1
CO3
RSEN
RS
D1
U1
EN/MODE
GND
VIN = 8V to 12V
VOUT = 15V@1A
Copyright © 2016, Texas Instruments Incorporated
14
LM3017
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3017 may be operated in either continuous or discontinuous conduction mode. The following descriptions
assume continuous conduction operation (CCM). This mode of operation has higher efficiency and lower EMI
characteristics than the discontinuous mode.
8.2 Typical Application
Figure 16. 1-A High Efficiency Step-Up (Boost) Converter
8.2.1 Design Requirements
To properly size the components for the application, the designer requires the following parameters: Input
voltage range, output voltage, output current, and switching frequency. These four main parameters affect the
choices of component available to achieve a proper system behavior.
Table 2 lists the design parameters for this application example.
Table 2. Design Parameters
PARAMETER
VALUE
Input voltage, VIN
8 V to 12 V
Output voltage, VOUT
15 V
Output current, IOUT
1 A
Switching frequency, fS
600 kHz
8.2.2 Detailed Design Procedure
The most common topology for the LM3017 is the boost or step-up topology. The boost converter converts a low
input voltage into a higher output voltage. The basic configuration for a boost regulator is shown in Figure 17. In
continuous conduction mode (when the inductor current never reaches zero at steady state), the boost regulator
operates in two cycles. In the first cycle of operation, MOSFET Q is turned on and energy is stored in the
inductor. During this cycle, diode D1 is reverse biased and load current is supplied by the output capacitor,
COUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com