Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3017LEX/NOPB Datasheet HTML 25Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 26Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 27Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 28Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 29Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 30Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 31Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 32Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
LM3017
www.ti.com
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 30. Current Flow in a Boost Application
10.1.4 Ground Plane and Vias
A ground plane in the printed-circuit board is recommended as a means to connect the quiet end (input voltage
ground side) of the input filter capacitor to the output filter capacitors and the PGND pin of the controller. Connect
all the low power ground connections directly to the regulator AGND. Connect the AGND and PGND pins
together through a copper area covering the entire underside of the device. Place several vias in this underside
copper area to ground plane. If a via is required to connect the sensing resistor to the ISEN pin, then place that
via in the inner side of the sensing resistor such that no current flow occurs. Place several vias from the ground
side of the output capacitor(s) to ground place, that minimizes the path for AC current. The PGND and AGND
pins have to be connected to the same ground very close to the IC. To avoid ground loop currents attach all the
grounds of the system only at one point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com