Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017LEX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3017LEX/NOPB
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017LEX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3017LEX/NOPB Datasheet HTML 17Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 18Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 19Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 20Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 21Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 22Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 23Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 24Page - Texas Instruments LM3017LEX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VOUT
PsOpp
ID
VOUT
PsOpp
ID
21
LM3017
www.ti.com
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
The ESR of the output capacitor(s) has a strong influence on the slope and direction of the output voltage ripple.
Capacitors with high ESR such as tantalum and aluminum electrolytic create an output voltage ripple that is
dominated by ΔVO1 with a shape shown in Figure 21. Ceramic capacitors, in contrast, have a very low ESR and
lower capacitance, and the shape of the output voltage ripple is dominated by ΔVO2 with a shape shown in
Figure 22.
Figure 21. ΔVOpp Using High ESR Capacitors
Figure 22. ΔVOpp Using Low ESR Capacitors
Ceramic capacitors are recommended with a typical value from 10 µF to 100 µF. The minimum quality dielectric
that is suitable for switching power supply output capacitors is X5R, while X7R (or better) is preferred. Careful
attention must be paid to the DC voltage rating and case size, as ceramic capacitors can lose 60% or more of
their rated capacitance at the maximum DC voltage. This is the reason that ceramic capacitors often derate to
50% of their capacitance at their working voltage.
8.2.2.11 VCC Decoupling Capacitor
The internal bias of the LM3017 comes from either the internal bias voltage generator as shown in the block
diagram or directly from the voltage at the VIN pin. At input voltages lower than 6 V, the internal IC bias is the
input voltage and at voltages above 6 V the internal bias voltage generator of the LM3017 provides the bias. A
good quality ceramic bypass capacitor must be connected from the VCC pin to the PGND pin for proper
operation. This capacitor supplies the transient current required by the internal MOSFET driver, as well as
filtering the internal supply voltage for the controller. TI recommends a value of between 0.47 µF and 4.7 µF.
8.2.2.12 Slope Compensation Ramp
The LM3017 uses a current mode control scheme. The main advantages of current mode control are inherent
cycle-by-cycle current limit for the switch, simpler control loop characteristics and excellent line and load transient
response. However, there is a natural instability due to subharmornic oscillations that occurs for duty cycles, D,
greater than 50% if slope compensation is not addressed in Equation 33.
MC > M2 / 2
(33)
For best input noise immunity, use Equation 34.
MC = M2
(34)
For best sub-harmonic suppression, use Equation 35.
MC = M2 / 2
where
•
MC is the slope of the compensation ramp
•
M1 is the slope of the inductor current during the ON time
•
M2 is the slope of the inductor current during the OFF time
•
RSEN is the sensing resistor value
•
VOUT represents the output voltage
•
VIN represents the input voltage
•
A is equal to 0.86 and it is the internal sensing amplification of the LM3017
(35)
In the case of the boost topology, use Equation 36 and Equation 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com