Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 24Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 25Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 26Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 27Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 28Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 135 page
background image
VCM
INxP
INxM
RDC / 2
RDC / 2
TI Device
IDIFF
To Analog Buffer
To Analog Buffer
Clamp
Circuit
Copyright © 2017, Texas Instruments Incorporated
Input Vcm
INP
INM
+337.5 mV
±337.5 mV
+600 mV
±600 mV
675 mVPP for INP and INM
(1.35 VPP Differentially)
25
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.1.1 Input Clamp Circuit
The ADC32RF44 analog inputs include an internal, differential clamp for overvoltage protection. The clamp
triggers for any input signals at approximately 600 mV above the input common-mode voltage, effectively limiting
the maximum input signal to approximately 2.4 VPP, as shown in Figure 63 and Figure 64.
When the clamp circuit conducts, the maximum differential current flowing through the circuit (via input pins)
must be limited to 20 mA.
Figure 63. Clamp Circuit in the ADC32RF44
Figure 64. Clamp Response Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com