Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMPR Datasheet(PDF) 54 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 50Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 51Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 52Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 53Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 54Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 55Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 56Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 57Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 135 page
background image
54
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.2.5 JESD204B Frame Assembly with Decimation (Single-Band DDC): Real Output
Table 18 lists the available JESD204B formats and valid ranges for the ADC32RF44 with decimation (single-
band DDC) when using real output format. The ranges are limited by the SerDes line rate and the maximum
ADC sample frequency. The sample alignment on the different lanes is shown in Table 19.
Table 18. JESD Mode Options: Single-Band Real Output (Wide Bandwidth)
DECIMATION
SETTING
(Complex)
NUMBER OF
ACTIVE DDCS
L
M
F
S
PLL
MODE
JESD
MODE0
JESD
MODE1
JESD
MODE2
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Divide-by-4
(Divide-by-2 real)
1 per channel
8
2
2
4
20X
1
0
0
2.5
4
2
4
4
40X
2
0
0
5
4
2
1
1
40X
0
1
0
Divide-by-6
(Divide-by-3 real)
1 per channel
8
2
2
4
20X
1
0
0
1.67
4
2
4
4
40X
2
0
0
3.33
4
2
1
1
40X
0
0
1
(1)
Blue shading indicates channel A and yellow shading indicates channel B.
Table 19. JESD Sample Lane Alignment: Single-Band Real Output (Wide Bandwidth)(1)
OUTPUT
LANE
LMFS = 8224
LMFS = 4244
LMFS = 4211
DA0
A0[15:8]
A0[7:0]
DA1
A1[15:8]
A1[7:0]
A0[15:8]
A0[7:0]
A1[15:8]
A1[7:0]
A0[15:8]
DA2
A2[15:8]
A2[7:0]
A2[15:8]
A2[7:0]
A3[15:8]
A3[7:0]
A0[7:0]
DA3
A3[15:8]
A3[7:0]
DB0
B0[15:8]
B0[7:0]
DB1
B1[15:8]
B1[7:0]
B0[15:8]
B0[7:0]
B1[15:8]
B1[7:0]
B0[15:8]
DB2
B2[15:8]
B2[7:0]
B0[15:8]
B2[7:0]
B3[15:8]
B3[7:0]
B0[7:0]
DB3
B3[15:8]
B3[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com