Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMPR Datasheet(PDF) 35 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 31Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 32Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 33Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 34Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 35Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 36Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 37Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 38Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 135 page
background image
Filter
Transition
Band
Band That Folds Back On
Top of Transition Band
Bands That Aliases On
Top of Signal Band
8
8
ADC
NCO 1,
16 Bits
NCO 2,
16 Bits
Filter
Filter
2.6 GSPS
IQ 2.6 GSPS
IQ 2.6 GSPS
IQ Output
Band 1
IQ Output
Band 2
fS/2
fS/4
Band 1
Band 2
fS/16
Band 2
NCO 1
NCO 2
fS/16
Band 1
IQ
650 MSPS
IQ
650 MSPS
35
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
A dual-band example with a divide-by-8 complex is shown in Figure 74.
Figure 74. Dual-Band Example
The decimation filter responses normalized to the ADC sampling clock are illustrated in Figure 74 to Figure 97
and can be interpreted as follows:
Each figure contains the filter pass-band, transition bands, and alias bands, as shown in Figure 75. The x-axis in
Figure 75 shows the offset frequency (after the NCO frequency shift) normalized to the ADC sampling clock
frequency.
For example, in the divide-by-4 complex, the output data rate is an fS / 4 complex with a Nyquist zone of fS / 8 or
0.125 × fS. The transition band is centered around 0.125 × fS and the alias transition band is centered at 0.375 ×
fS. The alias bands that alias on top of the wanted signal band are centered at 0.25 × fS and 0.5 × fS (and are
colored in red).
The decimation filters of the ADC32RF44 provide greater than 90-dB attenuation for the alias bands.
Figure 75. Interpretation of the Decimation Filter Plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com