Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF44IRMPR Datasheet(PDF) 119 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 119 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 115Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 116Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 117Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 118Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 119Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 120Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 121Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 122Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 135 page
background image
119
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.1.4 Power Consumption in Different Modes
The ADC32RF44 consumes approximately 5.8 W of power when both channels are active with a 12-bit,
2.6-GSPS output and a DDC option is not used (bypass mode). When different DDC options are used, the power
consumption on the DVDD supply changes by a small amount but remains unaffected on other supplies. In the
applications requiring just one channel to be active, channel A must be chosen as the active channel and
channel B can be powered down. Power consumption reduces to approximately 3.5 W in single-channel
operation with a 12-bit, 2.6-GSPS output (bypass mode).
Table 120 shows power consumption in different DDC modes for dual-channel and single-channel operation.
Table 120. Power Consumption in Different DDC Modes
DECIMATION
OPTION
ACTIVE
CHANNEL
ACTIVE DDC
AVDD1P9 (mA)
AVDD1P2 (mA)
DVDD1P2 (mA)
TOTAL POWER
(mW)
Bypass mode
Channels A, B
NA
1730
860
1416
5904
Divide-by-4
Channels A, B
Single
1725
867
1530
6034
Divide-by-8
Channels A, B
Dual
1724
854
1674
6183
Divide-by-8
Channels A, B
Single
1724
860
1466
5951
Divide-by-16
Channels A, B
Dual
1724
870
1674
6201
Divide-by-16
Channels A, B
Single
1725
868
1448
5941
Divide-by-24
Channels A, B
Dual
1721
867
1684
6204
Divide-by-24
Channels A, B
Single
1722
865
1391
5866
Divide-by-32
Channels A, B
Dual
1721
860
1534
6023
Divide-by-32
Channels A, B
Single
1721
860
1326
5784
Bypass mode
Channel A
NA
940
550
913
3468
Divide-by-4
Channel A
Single
939
556
958
3525
Divide-by-8
Channel A
Dual
941
553
1024
3601
Divide-by-8
Channel A
Single
941
546
911
3463
Divide-by-16
Channel A
Dual
937
562
1039
3621
Divide-by-16
Channel A
Single
939
553
930
3490
Divide-by-24
Channel A
Dual
935
561
1023
3598
Divide-by-24
Channel A
Single
937
553
899
3450
Divide-by-32
Channel A
Dual
936
557
961
3524
Divide-by-32
Channel A
Single
937
549
848
3387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com