Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 14Page - Texas Instruments AMC1306M25 Datasheet HTML 15Page - Texas Instruments AMC1306M25 Datasheet HTML 16Page - Texas Instruments AMC1306M25 Datasheet HTML 17Page - Texas Instruments AMC1306M25 Datasheet HTML 18Page - Texas Instruments AMC1306M25 Datasheet HTML 19Page - Texas Instruments AMC1306M25 Datasheet HTML 20Page - Texas Instruments AMC1306M25 Datasheet HTML 21Page - Texas Instruments AMC1306M25 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
fIN (kHz)
0.1
1
10
82
86
90
94
98
102
106
110
114
118
D029
VIN (mVpp)
0
50
100
150
200
250
300
350
400
450
500
75
80
85
90
95
100
105
110
115
120
125
D030
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
82
86
90
94
98
102
106
110
114
118
D027
fCLKIN (MHz)
5
9
13
17
21
82
86
90
94
98
102
106
110
114
118
D028
VIN (mVpp)
0
10
20
30
40
50
60
70
80
90
100
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
D043
AVDD (V)
3
3.5
4
4.5
5
5.5
82
86
90
94
98
102
106
110
114
118
D026
18
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, AINP = –50 mV to 50 mV (AMC1306x05) or –250 mV to 250 mV (AMC1306x25),
AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with OSR = 256 (unless otherwise noted)
AMC1306x05
Figure 30. Total Harmonic Distortion vs
Input Signal Amplitude
Figure 31. Spurious-Free Dynamic Range vs
High-Side Supply Voltage
Figure 32. Spurious-Free Dynamic Range vs Temperature
Figure 33. Spurious-Free Dynamic Range vs
Clock Frequency
Figure 34. Spurious-Free Dynamic Range vs
Input Signal Frequency
AMC1306x25
Figure 35. Spurious-Free Dynamic Range vs
Input Signal Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com