Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 16Page - Texas Instruments AMC1306M25 Datasheet HTML 17Page - Texas Instruments AMC1306M25 Datasheet HTML 18Page - Texas Instruments AMC1306M25 Datasheet HTML 19Page - Texas Instruments AMC1306M25 Datasheet HTML 20Page - Texas Instruments AMC1306M25 Datasheet HTML 21Page - Texas Instruments AMC1306M25 Datasheet HTML 22Page - Texas Instruments AMC1306M25 Datasheet HTML 23Page - Texas Instruments AMC1306M25 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
fCLKIN (MHz)
5
9
13
17
21
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
D038
AMC1306Mx, DVDD = 3.3 V
AMC1306Mx, DVDD = 5 V
AMC1306Ex, DVDD = 3.3 V
AMC1306Ex, DVDD = 5 V
DVDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
D036
AMC1306Mx
AMC1306Ex
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
D037
AMC1306Mx, DVDD = 3.3 V
AMC1306Mx, DVDD = 5 V
AMC1306Ex, DVDD = 3.3 V
AMC1306Ex, DVDD = 5 V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
D034
Clock Frequency (MHz)
5
9
13
17
21
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
D035
20
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, AINP = –50 mV to 50 mV (AMC1306x05) or –250 mV to 250 mV (AMC1306x25),
AINN = AGND, fCLKIN = 20 MHz, and sinc
3 filter with OSR = 256 (unless otherwise noted)
Figure 42. High-Side Supply Current vs Temperature
Figure 43. High-Side Supply Current vs Clock Frequency
Figure 44. Controller-Side Supply Current vs
Controller-Side Supply Voltage
Figure 45. Controller-Side Supply Current vs Temperature
Figure 46. Controller-Side Supply Current vs
Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com