Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 26Page - Texas Instruments AMC1306M25 Datasheet HTML 27Page - Texas Instruments AMC1306M25 Datasheet HTML 28Page - Texas Instruments AMC1306M25 Datasheet HTML 29Page - Texas Instruments AMC1306M25 Datasheet HTML 30Page - Texas Instruments AMC1306M25 Datasheet HTML 31Page - Texas Instruments AMC1306M25 Datasheet HTML 32Page - Texas Instruments AMC1306M25 Datasheet HTML 33Page - Texas Instruments AMC1306M25 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Settling Time (µs)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
D041
sinc1
sinc2
sinc3
30
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9.2.1.2 Detailed Design Procedure
The high-side power supply (AVDD) for the AMC1306 device is derived from the power supply of the upper gate
driver. Further details are provided in the Power Supply Recommendations section.
The floating ground reference (AGND) is derived from one of the ends of the shunt resistor that is connected to
the negative input of the AMC1306 (AINN). If a four-pin shunt is used, the inputs of the device are connected to
the inner leads and AGND is connected to one of the outer shunt leads.
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current: VSHUNT = I × RSHUNT.
Consider the following two restrictions to choose the proper value of the shunt resistor RSHUNT:
•
The voltage drop caused by the nominal current range must not exceed the recommended differential input
voltage range: VSHUNT ≤ ±250 mV
•
The voltage drop caused by the maximum allowed overcurrent must not exceed the input voltage that causes
a clipping output: |VSHUNT| ≤ |VClipping|
The typically recommended RC filter in front of a ΔΣ modulator to improve signal-to-noise performance of the
signal path is not required for the AMC1306. By design, the input bandwidth of the analog front-end of the device
is limited as specified in the Electrical Characteristics table.
For modulator output bitstream filtering, a device from TI's TMS320F2807x family of low-cost microcontrollers
(MCUs) or TMS320F2837x family of dual-core MCUs is recommended. These families support up to eight
channels of dedicated hardwired filter structures that significantly simplify system level design by offering two
filtering paths per channel: one providing high accuracy results for the control loop and one fast response path
for overcurrent detection.
9.2.1.3 Application Curve
In motor control applications, a very fast response time for overcurrent detection is required. The time for fully
settling the filter in case of a step-signal at the input of the modulator depends on the filter order; that is, a sinc3
filter requires three data updates for full settling (with fDATA = fCLK / OSR). Therefore, for overcurrent protection,
filter types other than sinc3 can be a better choice; an alternative is the sinc2 filter. Figure 58 compares the
settling times of different filter orders.
The delay time of the sinc filter with a continuous signal is half of the settling time.
Figure 58. Measured Effective Number of Bits versus Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com