Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 23Page - Texas Instruments AMC1306M25 Datasheet HTML 24Page - Texas Instruments AMC1306M25 Datasheet HTML 25Page - Texas Instruments AMC1306M25 Datasheet HTML 26Page - Texas Instruments AMC1306M25 Datasheet HTML 27Page - Texas Instruments AMC1306M25 Datasheet HTML 28Page - Texas Instruments AMC1306M25 Datasheet HTML 29Page - Texas Instruments AMC1306M25 Datasheet HTML 30Page - Texas Instruments AMC1306M25 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
OSR
1
10
100
1000
0
2
4
6
8
10
12
14
16
D040
sinc3
sinc2
sinc1
3
OSR
1
1
z
H z
1
z
§
·
¨
¸
¨
¸
©
¹
27
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Digital Filter Usage
The modulator generates a bitstream that is processed by a digital filter to obtain a digital word similar to a
conversion result of a conventional analog-to-digital converter (ADC). A very simple filter, built with minimal effort
and hardware, is a sinc3-type filter, as shown in Equation 2:
(2)
This filter provides the best output performance at the lowest hardware size (count of digital gates) for a second-
order modulator. All the characterization in this document is also done with a sinc3 filter with an oversampling
ratio (OSR) of 256 and an output word width of 16 bits.
The effective number of bits (ENOB) is often used to compare the performance of ADCs and ΔΣ modulators.
Figure 55 shows the ENOB of the AMC1306 with different oversampling ratios. In this document, this number is
calculated from the SINAD by using Equation 3:
SINAD = 1.76 dB + 6.02 dB × ENOB
(3)
Figure 55. Measured Effective Number of Bits versus Oversampling Ratio
An example code for implementing a sinc3 filter in an FPGA is discussed in the Combining the ADS1202 with an
FPGA Digital Filter for Current Measurement in Motor Control Applications application note, available for
download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com