Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 31 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 27Page - Texas Instruments AMC1306M25 Datasheet HTML 28Page - Texas Instruments AMC1306M25 Datasheet HTML 29Page - Texas Instruments AMC1306M25 Datasheet HTML 30Page - Texas Instruments AMC1306M25 Datasheet HTML 31Page - Texas Instruments AMC1306M25 Datasheet HTML 32Page - Texas Instruments AMC1306M25 Datasheet HTML 33Page - Texas Instruments AMC1306M25 Datasheet HTML 34Page - Texas Instruments AMC1306M25 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Gtot
G
IN
R3
E
= E
+
R
û Modulator
VCM = 1.9 V
3.3 V
or 5 V
High Voltage
Potential
R1
R2
R3
R4
R5
R4'
R5'
IIB
RIND
AVDD
AINP
AINN
AGND
R3'
AGND
31
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9.2.2 Isolated Voltage Sensing
The AMC1306 is optimized for usage in current-sensing applications using low-impedance shunts. However, the
device can also be used in isolated voltage-sensing applications if the affect of the (usually higher) impedance of
the resistor used in this case is considered.
Figure 59. Using the AMC1306 for Isolated Voltage Sensing
9.2.2.1
Design Requirements
Figure 59 shows a simplified circuit typically used in high-voltage-sensing applications. The high impedance
resistors (R1 and R2) are used as voltage dividers and dominate the current value definition. The resistance of
the sensing resistor R3 is chosen to meet the input voltage range of the AMC1306. This resistor and the
differential input impedance of the device (the AMC1306x25 is 22 kΩ, the AMC1306x05 is 4.9 kΩ) also create a
voltage divider that results in an additional gain error. With the assumption of R1, R2, and RIN having a
considerably higher value than R3, the resulting total gain error can be estimated using Equation 4, with EG
being the gain error of the AMC1306.
(4)
This gain error can be easily minimized during the initial system-level gain calibration procedure.
9.2.2.2 Detailed Design Procedure
As indicated in Figure 59, the output of the integrated differential amplifier is internally biased to a common-mode
voltage of 1.9 V. This voltage results in a bias current IIB through the resistive network R4 and R5 (or R4' and
R5') used for setting the gain of the amplifier. The value range of this current is specified in the Electrical
Characteristics table. This bias current generates additional offset error that depends on the value of the resistor
R3. The initial system offset calibration does not minimize this effect because the value of the bias current
depends on the actual common-mode amplitude of the input signal (as illustrated in Figure 60). Therefore, in
systems with high accuracy requirements, a series resistor is recommended to be used at the negative input
(AINN) of the AMC1306 with a value equal to the shunt resistor R3 (that is, R3' = R3 in Figure 59) to eliminate
the effect of the bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com