Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25 Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC1306M25
Description  AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1306M25 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 29Page - Texas Instruments AMC1306M25 Datasheet HTML 30Page - Texas Instruments AMC1306M25 Datasheet HTML 31Page - Texas Instruments AMC1306M25 Datasheet HTML 32Page - Texas Instruments AMC1306M25 Datasheet HTML 33Page - Texas Instruments AMC1306M25 Datasheet HTML 34Page - Texas Instruments AMC1306M25 Datasheet HTML 35Page - Texas Instruments AMC1306M25 Datasheet HTML 36Page - Texas Instruments AMC1306M25 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DVDD
DGND
AGND
AINP
AINN
AVDD
AMC1306Mx
HV+
HV-
To Load
Floating
Power Supply
20 V
3.0 V,
3.3 V,
or 5.0 V
RSHUNT
5.1 V
R1
800
Z1
1N751A
C1
10 F
C2
0.1 F
C4
0.1 F
C5
2.2 F
Gate Driver
Gate Driver
DOUT
CLKIN
SD-Cx
SD-Dx
TMS320F2837x
PWMx
33
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734C – MARCH 2017 – REVISED JANAURY 2020
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
10 Power Supply Recommendations
In a typical frequency-inverter application, the high-side power supply (AVDD) for the device is directly derived
from the floating power supply of the upper gate driver. For lowest system-level cost, a Zener diode can be used
to limit the voltage to 5 V or 3.3 V (±10%). Alternatively a low-cost low-drop regulator (LDO), for example the
LM317-N, can be used to adjust the supply voltage level and minimize noise on the power-supply node. A low-
ESR decoupling capacitor of 0.1 µF is recommended for filtering this power-supply path. Place this capacitor (C2
in Figure 61) as close as possible to the AVDD pin of the AMC1306 for best performance. If better filtering is
required, an additional 10-µF capacitor can be used.
The floating ground reference (AGND) is derived from the end of the shunt resistor that is connected to the
negative input (AINN) of the device. If a four-pin shunt is used, the device inputs are connected to the inner leads
and AGND is connected to one of the outer leads of the shunt.
For decoupling of the digital power supply on the controller side, a 0.1-µF capacitor is recommended to be
placed as close to the DVDD pin of the AMC1306 as possible, followed by an additional capacitor in the range of
1 µF to 10 µF.
Figure 61. Decoupling the AMC1306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com