Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 40Page - STMicroelectronics L9679ETR Datasheet HTML 41Page - STMicroelectronics L9679ETR Datasheet HTML 42Page - STMicroelectronics L9679ETR Datasheet HTML 43Page - STMicroelectronics L9679ETR Datasheet HTML 44Page - STMicroelectronics L9679ETR Datasheet HTML 45Page - STMicroelectronics L9679ETR Datasheet HTML 46Page - STMicroelectronics L9679ETR Datasheet HTML 47Page - STMicroelectronics L9679ETR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 127 page
background image
SYSDIAGREQ
System diagnostic register
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSTEST[3:0]
ID:
36
Type:
R/W
Read:
3600
Write:
006C
POR
WSM
SSM
[3:0]
0000
0000
0000
DSTEST[3:0]: Diagnostic State Test selection
Updated by SSM_RESET or SPI write while in DIAG state
0000: all outputs inactive
0001: FENL pin active
0010: all outputs inactive
0011: all outputs inactive
0100: all outputs inactive
0101: all outputs inactive
0110: all outputs inactive
0111: HS squib/pyroswitch driver FET active
1000: LS squib/pyroswitch driver FET active
1001: Output deployment timing pulses on FENL (separated by 8 ms)
1010: all outputs inactive
1011 - 1111: all outputs inactive
L9679E
SPI interface
DS12485 - Rev 8
page 44/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com