Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 13Page - STMicroelectronics L9679ETR Datasheet HTML 14Page - STMicroelectronics L9679ETR Datasheet HTML 15Page - STMicroelectronics L9679ETR Datasheet HTML 16Page - STMicroelectronics L9679ETR Datasheet HTML 17Page - STMicroelectronics L9679ETR Datasheet HTML 18Page - STMicroelectronics L9679ETR Datasheet HTML 19Page - STMicroelectronics L9679ETR Datasheet HTML 20Page - STMicroelectronics L9679ETR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
6
SPI interface
The L9679E has many user-selectable features controlled through serial communications by the integrated
microcontroller. The device features two SPI interfaces: one global SPI and one remote sensor SPI. The global
SPI interface provides general configuration, control and status functions for the device, while the remote sensor
SPI provides dedicated communication of the remote sensor data and status registers to the microcontroller.
6.1
SPI protocol
Each SPI interface (global and remote sensor) uses its own dedicated set of 4 I/O pins: CS_G, SCLK_G,
MOSI_G and MISO_G for Global SPI; CS_RS, SCLK_RS, MOSI_RS and MISO_RS for remote sensor SPI. Both
of the SPI interfaces use the same protocol described here below (the suffix “_X” used in the SPI pin names
below is intended to stand for either “_G” or “_RS” depending on the specific SPI interface considered)
The IC SPI interface is composed by an input shift register, an output shift register and four control signals.
MOSI_X is the data input to the input shift register. MISO_X is the data output from the output shift register.
SCLK_X is the clock input used to shift data into the input shift register or out from the output one while CS_X is
the active low chip select input.
All SPI communications are executed in exact 32-bit increments. The general format of the 32-bit transmission for
the SPI interface is shown in Table 5. SPI MOSI_X frame layout and Table 6. SPI MISO_X frame layout
The data sent to the IC (i.e. MOSI_X) consists of a target read register ID (RID), a target write register ID (WID),
write data parity (WPAR) and 16 bits of data (WRITE). WRITE data is the data to be written to the target write
register indicated by WID. Data returned from the IC (i.e. MISO_X) consists of a global status word (GSW), read
data parity (RPAR) and 20 bits of data (READ). READ data will be the contents of the target read register as
indicated by the RID bits. The parity bits WPAR and RPAR cover all the 32 bits of the MOSI and MISO frames,
respectively. Odd parity type is used.
Table 5. SPI MOSI_X frame layout
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RID[6:0]
WID[6:0]
WRITE[15:0]
Table 6. SPI MISO_X frame layout
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
GSW[10:0]
READ[19:0]
Communications are controlled through CS_X, enabling and disabling communication. When CS_X is at high
logic, all SPI communication I/O is tri-stated and no data is accepted. When CS_X is low, data is latched on the
rising edge of SCLK_X and data is shifted on the falling edge. The MOSI_X pin receives serial data from the
master with MSB first. Likewise for MISO_X, data is read MSB first, LSB last.
The L9679E features a data validation method through the SCLK_X input to keep transmissions with not exactly
32 bits from being written to the device. The SCLK_X input counts the number of received clocks and should the
clock counter exceed or count fewer than 32 clocks, the received message is discarded and a SPI_FLT bit is
flagged in the Global Status Word (GSW). The SPI_FLT bit is also set in case of parity error detected on the
MOSI_X frame. Any attempt to access a register with forbidden access mode (read or write) does not lead to
changes to the internal registers, but the SPI_FLT bit is not set in this case.
6.2
Global SPI register map
The Global SPI interface consists of several 32-bit registers which allow the configuration, control and status of
the IC as well as special manufacturing test modes. The register definition is defined by the read register ID (RID)
and the write register ID (WID) as shown in Table 7. Global SPI register map. The Global ID bit (GID) is used to
extend the available register addresses, but it is shared between RID and WID; only RID and WID with the same
GID value can be addressed within the same SPI word. The operating states here below show in which states the
SPI command is processed.
L9679E
SPI interface
DS12485 - Rev 8
page 17/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com