Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 33Page - STMicroelectronics L9679ETR Datasheet HTML 34Page - STMicroelectronics L9679ETR Datasheet HTML 35Page - STMicroelectronics L9679ETR Datasheet HTML 36Page - STMicroelectronics L9679ETR Datasheet HTML 37Page - STMicroelectronics L9679ETR Datasheet HTML 38Page - STMicroelectronics L9679ETR Datasheet HTML 39Page - STMicroelectronics L9679ETR Datasheet HTML 40Page - STMicroelectronics L9679ETR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
DSR_x (x=0 to 7)
Deployment status channel x
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
0
ID:
13 (DSR_0), 14 (DSR_1), 15 (DSR_2), 16 (DSR_3), 17 (DSR_4), 18 (DSR_5), 19 (DSR_6), 1A
(DSR_7)
Type:
R
Read:
1300 (DSR_0), 1400 (DSR_1), 1500 (DSR_2), 1600 (DSR_3), 1700 (DSR_4), 1800 (DSR_5),
1900 (DSR_6), 1A00 (DSR_7)
Write:
-
POR
WSM
SSM
[15]
0
0
0
CHxDS: Channel x deployment successful
Updated according to Deployment Driver Control Logic
(set when deployment terminates on ch x due to deploy timer timeout, cleared on SSM_RESET
OR when deployment starts on ch x)
0: Deployment not successful
1: Deployment successful
[14]
0
0
0
CHxSTAT: Channel x deployment status
Updated according to Deployment Driver Control Logic
(set when deployment starts on ch x, cleared on SSM_RESET OR when deployment terminates
due to deploy timer timeout, LS Over current OR
GND Loss)
0 Deployment not in progress
1 Deployment in progress
[12]
0
0
0
DCRxERR: Deployment configuration register error
0 Deploy configuration change accepted and stored in memory
1 Deploy configuration change rejected because deploy is in progress
(or DEP_EXPIRE_TIME changed when in DEP_ENABLED state)
[5:0]
000000
000000
000000
DEP_CHx_ExpTimer[5:0]: Channel x Deployment Expiration Timer value 8 ms/count
Updated according to Deployment Driver Control Logic
(Cleared on SSM_RESET OR when Exp Timer times out OR when SPI_DEPREQx is received
while in DEP_ENABLED state AND in ARMING or SAFING states)
L9679E
SPI interface
DS12485 - Rev 8
page 37/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com