Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 44Page - STMicroelectronics L9679ETR Datasheet HTML 45Page - STMicroelectronics L9679ETR Datasheet HTML 46Page - STMicroelectronics L9679ETR Datasheet HTML 47Page - STMicroelectronics L9679ETR Datasheet HTML 48Page - STMicroelectronics L9679ETR Datasheet HTML 49Page - STMicroelectronics L9679ETR Datasheet HTML 50Page - STMicroelectronics L9679ETR Datasheet HTML 51Page - STMicroelectronics L9679ETR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
LPDIAGREQL
Loops diagnostic configuration command register for low
level diagnostic
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
RES_MEAS_CHSEL[3:
0]
LEAK_CHSEL[3:0]
ID:
38
Type:
R/W
Read:
3800
Write:
0070
POR
WSM
SSM
[15]
0
0
0
DIAG_LEVEL: Diagnostic mode selector
Updated by SSM_RESET or SPI write
0: low level mode
1: N/A - see description below
[14]
0
0
0
ISRC_CURR_SEL: Selection of ISRC current value
0: 40 mA
1: 8 mA
[13]
0
0
0
PD_CURR: Pull down current control
Updated by SSM_RESET or SPI write
0: Request OFF only for channels connected to VRCM or ISINK or ISRC, ON for all other
channels
1: Request OFF for all channels
[12:11]
00
00
00
ISRC [1:0]: High side current source for channel selected in RES_MEAS_CHSEL[3:0]
Updated by SSM_RESET or SPI write
00: OFF
01: ON 40 mA/ 8 mA current for channel selected in RES_MEAS_CHSEL, OFF on all other
channels
10: ON bypass current for channel selected in RES_MEAS_CHSEL, OFF ON all other channels
11: ON ISRC 40mA or 8mA current for channel selected in RES_MEAS_CHSEL and connect the
SRM Differential Amplifier to the other squib/pyroswitch channel of the selected channel pair
[10]
0
0
0
ISINK: Low side current sink control (max 50 mA)
Updated by SSM_RESET or SPI write
0: All channels OFF
1: ON for channel selected by RES_MEAS_CHSEL[3:0], OFF on all other channels
L9679E
SPI interface
DS12485 - Rev 8
page 48/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com