Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 103Page - STMicroelectronics L9679ETR Datasheet HTML 104Page - STMicroelectronics L9679ETR Datasheet HTML 105Page - STMicroelectronics L9679ETR Datasheet HTML 106Page - STMicroelectronics L9679ETR Datasheet HTML 107Page - STMicroelectronics L9679ETR Datasheet HTML 108Page - STMicroelectronics L9679ETR Datasheet HTML 109Page - STMicroelectronics L9679ETR Datasheet HTML 110Page - STMicroelectronics L9679ETR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ Max Unit
IRSQ_LOW_TH
Detection threshold for “resistance
too low”
Equivalent to resistance range -25 °C ≤ Tj ≤ +150 °C
guaranteed by design/characterization
-12%
6
+17% mA
-40 °C ≤ Tj ≤ +150 °C
-12%
6
+22% mA
TFLT_RLOW
“Resistance too low” deglitch filter
time
-
12
15
18
µs
RSQ_HIGH
Detection threshold for “resistance
too high”
Design info
2
-
5
kΩ
IRSQ_HIGH
Detection threshold for “resistance
too high”
Equivalent to resistance range -25 °C ≤ Tj ≤ +150 °C
guaranteed by design/characterization
-17%
700 +20%
µA
-40 °C ≤ Tj ≤ +150 °C
-17%
700 +22%
µA
TFLT_RHIGH
“Resistance too high” deglitch filter
time
-
12
15
18
µs
Tdelay_STG_selection
Time needed to change the VRCM
STG thresholds (450 µA-to-2 mA
or 2 mA-to-450 µA)
guaranteed by design
-
-
2
µs
13.8.3
High/low-side FET test
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
6 V ≤ SSxy ≤ 35 V
7 V ≤ VSYNC ≤ 35 V
Table 31. High/low-side FET test
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
IHS_FET_TH
Detection threshold high side FET test
-12%
1.8
+12%
mA
ILS_FET_TH
Detection threshold low side FET test
SYS_CTL(PD&VRCM_SEL) = 0 -15.5% 450 +15.5%
µA
ILS_FET_TH_HIGH
SYS_CTL(PD&VRCM_SEL) = 1
-15%
2
15%
EFET_TEST
Energy transferred to squib/pyroswitch during HS/LS
FET tests
Design info
-
-
170
µJ
TDRIVER_DIS
Driver disable time
Guaranteed by design
-
-
1.5
µs
TTOT_FETTEST_ACTIVE
Total FET test activation time in case of no fault
condition
Guaranteed by design
-
-
4
µs
TFETTIMEOUT
HS/LS FET test timeout
-
190
200
210
µs
TFLT_LKGB_FT
Deglitch filter time during FET test on IHS_FET_TH /
ILS_FET_TH current thresholds
-
0.8
1
1.2
µs
SGxy_OPEN
Squib/Pyroswitch open ground detection
GNDD as ground reference
300
450
600
mV
TFLT_SGOPEN
Squib/Pyroswitch open ground detection filter time
-
46
50
54
µs
L9679E
Electrical characteristics
DS12485 - Rev 8
page 107/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com