Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679ETR Datasheet(PDF) 113 Page - STMicroelectronics

Part # L9679ETR
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 109Page - STMicroelectronics L9679ETR Datasheet HTML 110Page - STMicroelectronics L9679ETR Datasheet HTML 111Page - STMicroelectronics L9679ETR Datasheet HTML 112Page - STMicroelectronics L9679ETR Datasheet HTML 113Page - STMicroelectronics L9679ETR Datasheet HTML 114Page - STMicroelectronics L9679ETR Datasheet HTML 115Page - STMicroelectronics L9679ETR Datasheet HTML 116Page - STMicroelectronics L9679ETR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 127 page
background image
13.10
Arming interface
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
VCCx(min) ≤ VCCx ≤ VCCx(max)
VCC = 3.3 V or 5 V
Table 35. Arming interface – DC specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
VIH_FENx
FENx high level input voltage
-
2
-
-
V
VIL_FENx
FENx low level input voltage
-
-
-
0.8
V
IPD_FENx
FEN1/FEN2 pull down current
FENx = VCC
20
45
70
µA
IPD_FENL
FENL passive pull down
FENL = VCC
40
100
160
k
VOH_FENL
FENL high level output voltage
ILOAD = -800 µA
VCC-0.5
VCC
V
VOL_FENL
FENL low level output voltage
ILOAD = 2.0 mA
0.4
V
13.11
Analog-to-digital converter
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ 17.5 V
Table 36. Analog-to-digital converter
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
VADC_RANGE ADC input voltage range
Design info
0.1
-
2.5
V
VADC_REF
ADC reference voltage
-
-1.5%
2.5
+1.5%
V
ADC_RES
ADC resolution(1)
Design info
-
10
-
bit
DNL
Differential non linearity error (DNL)
Separation between adjacent levels, measured bit
to bit of actual and an ideal output step. No missing
codes
-1
-
+1
LSB
INL
Integral non linearity error (INL)
Maximum difference between the actual analog
value at the transition between 2 adjacent steps and
its ideal value
-3
-
+3
LSB
EQUANT
Quantization error
Design info
-0.5
-
0.5
LSB
TotErr
Total error
Includes INL, DNL, ADC reference voltage tolerance
and quantization error
-15
-
+15
LSB
TotErr_0v1
ADC total error for 0.1 V input voltage
-
-5
-
+5
LSB
TotErr_2v4
ADC total error for 2.4V input voltage
-
-15
-
+15
LSB
RLSB_1
Reproducibility: conversion result variation
for constant input signal
1x sampling measurements. Guaranteed by design
-6
-
6
LSB
RLSB_4
Reproducibility: conversion result variation
for constant input signal
4x sampling measurements. Guaranteed by design
-3
-
3
LSB
RLSB_8
Reproducibility: conversion result variation
for constant input signal
8x sampling measurements. Guaranteed by design
-2.5
-
2.5
LSB
Pre-ADC
Pre-ADC settling time
-
-
4.81
-
µs
T_SC
Single conversion time
-
-
2.25
-
µs
L9679E
Electrical characteristics
DS12485 - Rev 8
page 113/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com