Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 4 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 4 Page - ON Semiconductor

  FCPF20N60. Datasheet HTML 1Page - ON Semiconductor FCPF20N60. Datasheet HTML 2Page - ON Semiconductor FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FCP20N60 / FCPF20N60 Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250μs Pulse Test
2. T
C = 25°C
V
DS, Drain-Source Voltage [V]
246
8
10
10
0
10
1
10
2
Note
1. V
DS = 40V
2. 250μs Pulse Test
-55°C
150°C
25°C
V
GS , Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0.0
0.1
0.2
0.3
0.4
V
GS = 20V
V
GS = 10V
Note : T
J = 25°C
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
25°C
150°C
Notes :
1. V
GS = 0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
102030
40506070
80
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 20A
Q
G, Total Gate Charge [nC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com