Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 7 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor FCPF20N60. Datasheet HTML 10Page - ON Semiconductor FCPF20N60. Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FCP20N60 / FCPF20N60 Rev. C0
www.fairchildsemi.com
6
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t
p
VGS
VGS
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
IG = const.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com