Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 6 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FCPF20N60. Datasheet HTML 2Page - ON Semiconductor FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor FCPF20N60. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FCP20N60 / FCPF20N60 Rev. C0
www.fairchildsemi.com
5
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FCP20N60
Figure 11-2. Transient Thermal Response Curve for FCPF20N60
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
θ JC
(t) = 0 .6 °C/W M ax.
2 . D u ty F a c to r, D = t
1/t2
3 . T
JM - T C = P DM * Z θJC (t)
single pulse
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2
t1, Rectangular Pulse Duration [sec]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1. Z
θ JC
(t) = 3 .2 °C/W M a x.
2 . D u ty F a c to r, D = t
1 /t 2
3. T
JM - T C = P DM * Z θ JC
(t)
s ingle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q uar e W a v e P u ls e D u r a t ion [ s e c ]
t1
PDM
t2
t1, Rectangular Pulse Duration [sec]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com