Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 3 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 3 Page - ON Semiconductor

  FCPF20N60. Datasheet HTML 1Page - ON Semiconductor FCPF20N60. Datasheet HTML 2Page - ON Semiconductor FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FCP20N60 / FCPF20N60 Rev. C0
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FCP20N60
FCP20N60
TO-220
Tube
N/A
N/A
50 units
FCPF20N60
FCPF20N60
TO-220F
Tube
N/A
N/A
50 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V, TJ = 25oC
600
-
-
V
ID = 250 μA, VGS = 0 V, TJ = 150oC-
650
-
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25oC-
0.6
-
V/oC
BVDS
Drain-Source Avalanche Breakdown
Voltage
VGS = 0 V, ID = 20 A
-
700
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, TC = 125oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±30 V, VDS = 0 V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250 μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 10 A
-
0.15
0.19
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 10 A
-
17
-
S
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1 MHz
-
2370
3080
pF
Coss
Output Capacitance
-
1280
1665
pF
Crss
Reverse Transfer Capacitance
-
95
-
pF
Coss
Output Capacitance
VDS = 480 V, VGS = 0 V, f = 1 MHz
-
65
85
pF
Coss(eff.)
Effective Output Capacitance
VDS = 0 V to 400 V, VGS = 0 V
-
165
-
pF
Qg
Total Gate Charge at 10V
VDS = 480 V, ID = 20 A,
VGS = 10 V
(Note 4)
-75
98
nC
Qgs
Gate to Source Gate Charge
-
13.5
18
nC
Qgd
Gate to Drain “Miller” Charge
-
36
-
nC
td(on)
Turn-On Delay Time
VDD = 300 V, ID = 20 A,
VGS = 10 V, RG = 25 Ω
(Note 4)
-
62
135
ns
tr
Turn-On Rise Time
-
140
290
ns
td(off)
Turn-Off Delay Time
-
230
470
ns
tf
Turn-Off Fall Time
-
65
140
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
20
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
60
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 20 A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 20 A,
dIF/dt = 100 A/μs
-
530
-
ns
Qrr
Reverse Recovery Charge
-
10.5
-
μC
Notes:
1: Repetitive rating: pulse-width limited by maximum junction temperature.
2: IAS = 10 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3: ISD ≤ 20 A, di/dt ≤ 200 A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4: Essentially independent of operating temperature typical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com