Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 5 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 5 Page - ON Semiconductor

  FCPF20N60. Datasheet HTML 1Page - ON Semiconductor FCPF20N60. Datasheet HTML 2Page - ON Semiconductor FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 Fairchild Semiconductor Corporation
FCP20N60 / FCPF20N60 Rev. C0
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9-1. Maximum Safe Operating Area
Figure 9-2. Maximum Safe Operating Area
for FCP20N60
for FCPF20N60
Figure 10. Maximum Drain Current
vs. Case Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250μA
T
J, Junction Temperature [°C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 20 A
T
J, Junction Temperature [°C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
Operation in This Area
is Limited by R
DS(on)
DC
10 ms
1 ms
100 us
Notes :
1. T
C = 25°C
2. T
J = 150°C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 us
DC
100 ms
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25°C
2. T
J = 150°C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
5
10
15
20
25
T
C, Case Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com