Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 10 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor FCPF20N60. Datasheet HTML 10Page - ON Semiconductor FCPF20N60. Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B
4.90
4.50
16.00
15.60
10.05
9.45
3.40
3.20
3.28
3.08
B
10.36
9.96
1.47
1.24
0.90
0.70
0.45
0.25
30°
2.54
2.54
7.00
2.14
(3.23) B
1
3
SEE NOTE "F"
0.50 M A
A
B
2.66
2.42
B
16.07
15.67
2.96
2.56
B
0.60
0.45
0.70
6.88
6.48
1 X 45°
SEE NOTE "F"
NOTES:
A. EXCEPT WHERE NOTED CONFORMS TO
EIAJ SC91A.
B DOES NOT COMPLY EIAJ STD. VALUE.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. DIMENSION AND TOLERANCE AS PER ASME
Y14.5-1994.
F. OPTION 1 - WITH SUPPORT PIN HOLE.
OPTION 2 - NO SUPPORT PIN HOLE.
G. DRAWING FILE NAME: TO220M03REV5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com