Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF20N60. Datasheet(PDF) 1 Page - ON Semiconductor

Part # FCPF20N60.
Description  N-Channel SuperFET® MOSFET 600 V, 20 A, 190 mΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF20N60. Datasheet(HTML) 1 Page - ON Semiconductor

  FCPF20N60. Datasheet HTML 1Page - ON Semiconductor FCPF20N60. Datasheet HTML 2Page - ON Semiconductor FCPF20N60. Datasheet HTML 3Page - ON Semiconductor FCPF20N60. Datasheet HTML 4Page - ON Semiconductor FCPF20N60. Datasheet HTML 5Page - ON Semiconductor FCPF20N60. Datasheet HTML 6Page - ON Semiconductor FCPF20N60. Datasheet HTML 7Page - ON Semiconductor FCPF20N60. Datasheet HTML 8Page - ON Semiconductor FCPF20N60. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
To learn more about ON Semiconductor, please visit our website at
www.onsemi.com
Is Now Part of
ON Semiconductor and the ON Semiconductor logo are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right
to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using ON
Semiconductor products, including compliance with all laws, regulations and safety requirements or standards, regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON
Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s
technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any FDA
Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended
or unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor
is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - FCPF20N60.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
620Kb / 17P
PFCPWM Combination Controller
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
1Mb / 10P
600V N-Channel MOSFET
FCPF20N60 FAIRCHILD-FCPF20N60 Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCPF20N60.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF190N60E-ND FAIRCHILD-FCPF190N60E-ND Datasheet
647Kb / 10P
FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
logo
ON Semiconductor
NTB190N65S3HF ONSEMI-NTB190N65S3HF Datasheet
400Kb / 10P
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019 ??Rev. 2
NTHL190N65S3HF ONSEMI-NTHL190N65S3HF Datasheet
519Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 1
NTPF190N65S3HF ONSEMI-NTPF190N65S3HF Datasheet
390Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 2
NVB055N60S5F ONSEMI-NVB055N60S5F Datasheet
258Kb / 7P
MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
FCPF190N60-F152 ONSEMI-FCPF190N60-F152 Datasheet
1Mb / 10P
N-Channel SuperFET® II MOSFET 600 V, 20.2 A, 199 mΩ
September-2017, Rev. 3
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
FCPF190N65FL1-F154 ONSEMI-FCPF190N65FL1-F154 Datasheet
321Kb / 10P
MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
December, 2020 - Rev. 0
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com