Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 122 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 122 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
122
Rev A15
08/05/2024
Figure 8.85 FRDTR Sequence In QPI Mode (0Dh [EXTADD=1] or 0Eh, 4-byte address)
Instruction
= 0Dh/0Eh
CE #
SCK
0
1
2
3
4
5
6
7
8
9
10
11
12
Mode 3
Mode 0
IO0
IO1
6 Dummy Cycles
IO2
IO3
...
4
0
5
1
6
2
7
3
4-byte Address
tV
28 24 20
5 1
25 21
4 0
30 26 22
31 27 23
16 12 8
17 13 9
18 14 10
19 15 11
6 2
7 3
Data
Out
...
...
...
...
4
0
5
1
6
2
7
3
29
Notes:
1. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
2. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com