Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 68 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 68 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 72Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
68
Rev A15
08/05/2024
8.8 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh or 4FRQO 6Ch)
The FRQO/4FRQO instruction is used to read memory data on four output pins each at up to a 166 MHz clock.
A Quad Enable (QE) bit of Status Register must be set to "1" before sending the Fast Read Quad Output instruction.
• 6Bh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• 6Bh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• 6Ch is followed by a 4-byte address (A31-A0)
The FRQO/4FRQO instruction code is followed by three or four address bytes as above and dummy cycles
(configurable, default is 8 clocks), transmitted via the IO0 line, with each bit latched-in during the rising
edge of SCK. Then the first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines, with
each group of four bits shifted out at a maximum frequency fCT, during the falling edge of SCK. The first
bit (MSB) is output on IO3, while simultaneously the second bit is output on IO2, the third bit is output on
IO1, etc.
The first byte addressed can be at any memory location. The address is automatically incremented after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over
to the 000000h address, allowing the entire memory to be read with a single FRQO/ 4FRQO instruction.
FRQO/4FRQO instruction is terminated by driving CE# high (VIH).
If a FRQO/4FRQO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the
instruction is ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com