Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 34 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 34 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
34
Rev A15
08/05/2024
PPBLK bit: The PPB Lock bit is a volatile bit for protecting all PPB bits. When cleared to 0, it locks all PPBs, when
set to 1, it allows the PPBs to be changed. The WRPLB command is used to clear the PPB Lock bit to 0. The PPB
Lock bit must be cleared to 0 only after all the PPBs are configured to the desired settings.
In Persistent Protection mode, the PPB Lock bit is set to 1 during POR or Hardware Reset. When cleared to 0, no
software command sequence can set the PPB Lock bit to 1, only another Hardware Reset or power-up can set the
PPB Lock bit.
In the Password Protection mode, the PPB Lock bit is cleared to 0 during POR or Hardware Reset. The PPB Lock
bit can only be set to 1 by the Unlock Password command.
FREEZE bit: FREEZE b
it, when set to “1”, locks the current state of BP3-0 in Status Register, TBS in the Function
Register, TBPARM in the Advanced Sector/Block Protection Register, and the Information Row. This prevents
writing, programming, or erasing these areas. As long as FREEZE remains cleared to logic “0”, BP3-0 in Status
Register, TBS in the Function Register, and TBPARM in the Advanced Sector/Block Protection Register are
writable and the Information Row is programmable. Once FREEZE has been written to a logic “1” it can only be
cleared to a logic “0” by a power-on cycle or a Hardware Reset. Software Reset will not affect the state of FREEZE.
The FREEZE is volatile and the default state of FREEZE after power-
on is “0”. The FREEZE can be set to “1” by a
SFRZ command.
6.6.4 PPB REGISTER
Related Commands: Read PPB (RDPPB FCh or 4RDPPB E2h)), Program PPB (PGPPB FDh or 4PGPPB E3h),
and Erase PPB (ERPPB E4h).
Table 6.23 PPB Register Bit Definition
Bit
Name
Definition
Default
Read-
/Write
Type
0:7
PPB
Read or Program per sector/block PPB:
00h = PPB for the sector/block addressed by the RDPPB or
PGPPB command is programmed to
“0”, protecting
that sector/block from program or erase operations.
FFh = PPB for the sector/block addressed by the RDPPB
or
PGPPB command is erased to
“1”, not protecting
that sector/block from program or erase operations.
FFh
R/W
Non-Volatile
6.6.5 DYB REGISTER
Related Commands: Read DYB (RDDYB FAh or 4RDDYB E0h) and Write DYB (WRDYB FBh or 4WRDYB E1h).
Table 6.24 DYB Register Bit Definition
Bit
Name
Definition
Default
Read-
/Write
Type
0:7
DYB
Read or Write per sector/block DYB:
00h = DYB for the sector/block addressed by the RDDYB
or
WRDYB command is cleared to
“0”, protecting that
sector/block from program or erase operations.
FFh = DYB for the sector/block addressed by the RDDYB
or
WRDYB command is set to
“1”, not protecting that
sector/block from program or erase operations.
FFh
R/W
Volatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com