Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 47 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 47 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
47
Rev A15
08/05/2024
Table 8.4 All Instruction Set
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
NORD
Normal Read
Mode
(3-byte Address)
SPI
03h
A
<23:16>
A
<15:8>
A
<7:0>
Data out
NORD
Normal Read
Mode
(4-byte Address)
SPI
03h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
4NORD
4-byte Address
Normal Read
Mode
SPI
13h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
FRD
Fast Read
Mode
(3-byte Address)
SPI
QPI
0Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Data out
FRD
Fast Read
Mode
(4-byte Address)
SPI
QPI
0Bh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Data out
4FRD
4-byte Address
Fast Read
Mode
SPI
QPI
0Ch
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Data out
FRDIO
Fast Read
Dual I/O
(3-byte Address)
SPI
BBh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1),(2)
Dual
Dual
Data out
FRDIO
Fast Read
Dual I/O
(4-byte Address)
SPI
BBh
A
<31::24>
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1),(2)
Dual
Dual
Data out
4FRDIO
4-byte Address
Fast Read
Dual I/O
SPI
BCh
A
<31::24>
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh(1),(2)
Dual
Dual
Data out
FRDO
Fast Read
Dual Output
(3-byte Address)
SPI
3Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRDO
Fast Read
Dual Output
(4-byte Address)
SPI
3Bh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
4FRDO
4-byte Address
Fast Read
Dual Output
SPI
3Ch
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Dual
Data out
FRQIO
Fast Read
Quad I/O
(3-byte Address)
SPI
QPI
EBh
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
AXh(1), (2)
Quad
Quad
Data out
FRQIO
Fast Read
Quad I/O
(4-byte Address)
SPI
QPI
EBh
A
<31::24>
Quad
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
AXh(1), (2)
Quad
Quad
Data out
4FRQIO
4-byte Address
Fast Read
Quad I/O
SPI
QPI
ECh
A
<31::24>
Quad
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
AXh(1), (2)
Quad
Quad
Data out
FRQO
Fast Read
Quad Output
(3-byte Address)
SPI
6Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Quad
Data out
FRQO
Fast Read
Quad Output
(4-byte Address)
SPI
6Bh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Quad
Data out
4FRQO
4-byte Address
Fast Read
Quad Output
SPI
6Ch
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Dummy(1)
Byte
Quad
Data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com