Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 33 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
33
Rev A15
08/05/2024
TBPARM bit: TBPARM defines the logical location of the parameter block. The parameter block consists of thirty-
two 4KB sectors, which replace two 64KB blocks. When TBPARM is set to a
“0” the parameter block is in the top
of the memory array address space. When TBPARM is set to a
“1” the parameter block is at the Bottom of the
array. TBPARM is OTP and set to a
“1” when shipped from factory. If TBPARM is programmed to “0”, an attempt
to change it back to
“1” will fail and ignore the Program.
The desired state of TBPARM must be selected during the initial configuration of the device during system
manufacture; before the first program or erase operation on the main flash array. TBPARM must not be
programmed after programming or erasing is done in the main flash array.
TBS can be programmed independent of TBPARM. Therefore, the user can elect to store parameter information
from the bottom of the array and protect boot code starting at the top of the array, and vice versa. Or the user can
select to store and protect the parameter information starting from the top or bottom together.
6.6.2 PASSWORD REGISTER
Related Commands: Read Password (RDPWD E7h), Program Password (PGPWD E8h), and Unlock Password
(UNPWD, E9h).
Table 6.21 Password Register Bit Definition
Bit
Name
Definition
Default
Read-
/Write
Type
0:63
PSWD
64 bit hidden password:
The password is no longer readable after the password
protection mode is selected by programming ASPR bit 2
to zero.
FFFFFFFF-
FFFFFFFFh
R/W
OTP
6.6.3 PPB LOCK REGISTER
Related Commands: Read PPB Lock Bit (RDPLB A7h), Write PPB Lock Bit (WRPLB A6h), and Set FREEZE Bit
(SFRZ 91h).
Table 6.22 PPB Lock Register Bit Definition
Bit
Name
Definition
Default
Read-
/Write
Type
0
PPBLK
PPB Lock bit: Protect PPB Array
“0” = PPB array protected until next power cycle
or Hardware Reset
“1” = PPB array may be programmed or erased.
Persistent: 1
Password: 0
R/W
Volatile
1:6
Reserved
Reserved
Reserved
R
Reserved
7
FREEZE
Lock current state of BP3-0 bits in Status Register, TBS in
Function Register and TBPARM in ASPR, and
Information Row (IR) regions.
“1” = Locked
“0” = Un-locked
0
R/W
Volatile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com