Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 56 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev A15
08/05/2024
8.4 FAST READ OPERATION (FRD, 0Bh or 4FRD, 0Ch)
The FRQO/4FRQO instruction is used to read memory data on four output pins. A Quad Enable (QE) bit of
status Register must be set to “1” before sending FRQO/4FRQO instruction.
• 0Bh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• 0Bh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• 0Ch is followed by a 4-byte address (A31-A0)
The Fast Read instruction code is followed by three or four address bytes as above and dummy cycles
(configurable, default is 8 clocks), transmitted via the SI line, with each bit latched-in during the rising edge of SCK.
Then the first data byte from the address is shifted out on the SO line, with each bit shifted out at a maximum
frequency fCT, during the falling edge of SCK.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single Fast Read instruction. The Fast Read
instruction is terminated by driving CE# high (VIH).
If the Fast Read instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction
is ignored without affecting the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com