Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 27 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 27 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
27
Rev A15
08/05/2024
For IS25WP256D (1.8V) (8)
P[6:3]
Dummy
Cycles(2, 3)
Fast Read(5)
0Bh/0Ch
Fast Read
Dual Output
3Bh/3Ch
Fast Read
Dual IO
BBh/BCh
Fast Read
Quad
Output
6Bh/6Ch
Fast Read
Quad IO
EBh/ECh
FRDTR
0Dh/0Eh
FRDDTR
BDh/BEh
FRQDTR
EDh/EEh
SPI
QPI
SPI
SPI
SPI
SPI
SPI/QPI
SPI4
SPI
0
Default1
133MHz
81MHz
133MHz
104MHz
133MHz
81MHz
80/69MHz
60MHz
69MHz
1
1
98MHz
23MHz
75MHz
52MHz
63MHz
23MHz
50/11MHz
29MHz
11MHz
2
2
110MHz
34MHz
84MHz
80MHz
75MHz
34MHz
63/23MHz
40MHz
23MHz
3
3
122MHz
46MHz
98MHz
98MHz
87MHz
46MHz
75/34MHz
52MHz
34MHz
4
4
133MHz
58MHz
133MHz
104MHz
98MHz
58MHz
80/46MHz
60MHz
46MHz
5
5
133MHz
69MHz
133MHz
122MHz
110MHz
69MHz
80/58MHz
75MHz
58MHz
6
6
133MHz
81MHz
133MHz
133MHz
122MHz
81MHz
80/69MHz
80MHz
69MHz
7
7
133MHz
93MHz
133MHz
133MHz
133MHz
93MHz
80/80MHz
80MHz
80MHz
8
8
133MHz
104MHz
133MHz
133MHz
133MHz
104MHz
80/80MHz
80MHz
80MHz
9
9
133MHz
122MHz
133MHz
133MHz
133MHz
122MHz
80/80MHz
80MHz
80MHz
10
10
133MHz
127MHz
133MHz
133MHz
133MHz
127MHz
80/80MHz
80MHz
80MHz
11
11
133MHz
133MHz
133MHz
133MHz
133MHz
133MHz
80/80MHz
80MHz
80MHz
12
12
133MHz
133MHz
133MHz
133MHz
133MHz
133MHz
80/80MHz
80MHz
80MHz
13
13
133MHz
133MHz
133MHz
133MHz
133MHz
133MHz
80/80MHz
80MHz
80MHz
14
14
133MHz
133MHz
133MHz
133MHz
133MHz
133MHz
80/80MHz
80MHz
80MHz
15
15
133MHz
133MHz
133MHz
133MHz
133MHz
133MHz
80/80MHz
80MHz
80MHz
Notes:
1. Default dummy cycles are as follows.
Operation
Command
Dummy Cycles
Comment
SPI mode
QPI mode
SPI mode
QPI mode
Fast Read
0Bh/0Ch
0Bh/0Ch
8
6
Fast Read Dual Output
3Bh/3Ch
-
8
-
Fast Read Quad Output
6Bh/6Ch
-
8
-
Fast Read Dual IO
BBh/BCh
-
4
-
Fast Read Quad IO
EBh/ECh
EBh/ECh(9)
6
6
Fast Read DTR
0Dh/0Eh
0Dh/0Eh
8
6
Fast Read Dual IO DTR
BDh/BEh
-
4
-
Fast Read Quad IO DTR
EDh/EEh
EDh/EEh(9)
6
6
2. Enough number of dummy cycles must be applied to execute properly the AX read operation.
3. Must satisfy bus I/O contention. For instance, if the number of dummy cycles and AX bits cycles are same, then X
must be Hi-Z.
4. QPI mode is not available for FRDDTR command.
5. RDUID, RDSFDP, IRRD instructions are also applied.
6. Max frequency is 166MHz at Vcc=2.7V~3.6V, Mode 0
7. Max frequency is 133MHz at Vcc=2.7V~3.6V, Mode 3 and 133MHz at Vcc=2.3V~3.6V at Mode 0
8. Max frequency is 104MHz with 3-byte address (24-bit address) fast read operation.
9. EBh/ECh command and EDh/EEh command are not supported in QPI mode for 1.8V device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com