Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25LP256D-RJLE-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev A15
08/05/2024
GENERAL DESCRIPTION
The IS25LP256D and IS25WP256D Serial Flash memory offers a versatile storage solution with high flexibility
and performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash is for systems
that require limited space, a low pin count, and low power consumption. The device is accessed through a 4-wire
SPI Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable
(CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions).
The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. The IS25xP
series of Flash adds support for DTR (Double Transfer Rate) commands that transfer addresses and read data
on both edges of the clock. These transfer rates can outperform 16-bit Parallel Flash memories allowing for
efficient memory access to support XIP (execute in place) operation.
Initial state of the memory array is erased (all bits are set to 1) when shipped from the factory.
QPI (Quad Peripheral Interface) supports 2-cycle instruction further reducing instruction times. Pages can be
erased in groups of 4Kbyte sectors, 32Kbyte blocks, 64Kbyte blocks, and/or the entire chip. The uniform sector
and block architecture allows for a high degree of flexibility so that the device can be utilized for a broad variety of
applications requiring solid data retention.
GLOSSARY
Standard SPI
In this operation, a 4-wire SPI Interface is utilized, consisting of Serial Data Input (SI), Serial Data Output (SO),
Serial Clock (SCK), and Chip Enable (CE#) pins. Instructions are sent via the SI pin to encode instructions,
addresses, or input data to the device on the rising edge of SCK. The SO pin is used to read data or to check the
status of the device. This device supports SPI bus operation modes (0,0) and (1,1).
Mutil I/O SPI
Multi-I/O operation utilizes an enhanced SPI protocol to allow the device to function with Dual Output, Dual Input
and Output, Quad Output, and Quad Input and Output capability. Executing these instructions through SPI mode
will achieve double or quadruple the transfer bandwidth for READ and PROGRAM operations.
Quad I/O QPI
The device enables
QPI protocol by issuing an “Enter QPI mode (35h)” command. The QPI mode uses four IO
pins for input and output to decrease SPI instruction overhead and increase output bandwidth. SI and SO pins
become bidirectional IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3 respectively during QPI mode.
Issuing an “Exit QPI (F5h) command will cause the device to exit QPI mode. Power Reset or Hardware/Software
Reset can also return the device into the standard SPI mode.
DTR
In addition to SPI and QPI features, the device also supports Fast READ DTR operation. Fast READ DTR operation
allows high data throughput while running at lower clock frequencies. Fast READ DTR operation uses both rising
and falling edges of the clock for address inputs, and data outputs, resulting in reducing input and output cycles
by half.
Programmable drive strength and Selectable burst setting.
The device offers programmable output drive strength and selectable burst (wrap) length features to increase the
efficiency and performance of READ operation. The driver strength and burst setting features are controlled by
setting the Read Registers. A total of six different drive strengths and four different burst sizes (8/16/32/64 Byte)
are available for selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com