Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 154 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 154 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 151Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 152Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 153Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 154Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
154
Rev A15
08/05/2024
8.56 READ ASP OPERATION (RDASP, 2Bh)
The RDASP instruction code is shifted in by the rising edge of the SCK signal. Then the 16-bit ASP register contents
is shifted out, least significant byte first, most significant bit of each byte first. Each bit is shifted out at the SCK
frequency by the falling edge of the SCK signal. It is possible to read the ASP register continuously by providing
multiples of 16 bits. The maximum operating clock frequency for the RDASP command is the same with Fast Read
Operation.
Figure 8.132 Read ASP Sequence In SPI Mode
8
9
...
15
16
17
...
23
Instruction = 2Bh
CE #
SCK
SI
SO
0
1
2
3
4
5
6
7
Mode 3
Mode 0
tV
7
15
14
8
6
...
0
...
1
st byte Data Out
2
nd byte Data Out
Figure 8.133 Read ASP Sequence In QPI Mode
2Bh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1
st byte
Data Out
tV
2
nd byte
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com