Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F2X Datasheet HTML 1Page - Microchip Technology PIC18F2X Datasheet HTML 2Page - Microchip Technology PIC18F2X Datasheet HTML 3Page - Microchip Technology PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
•
Hardware Limit Timer (TMR2/4/6+HLT):
–
Hardware monitoring and Fault detection
•
Peripheral Pin Select (PPS):
–
Enables pin mapping of digital I/O
•
Data Signal Modulator (DSM)
Analog Peripherals
•
10-Bit Analog-to-Digital Converter with Computation (ADC2):
–
Up to 35 external channels
–
Conversion available during Sleep
–
Four internal analog channels
–
Internal and external trigger options
–
Automated math functions on input signals:
•
Averaging, filter calculations, oversampling and threshold comparison
–
8-bit hardware acquisition timer
•
Hardware Capacitive Voltage Divider (CVD) Support:
–
8-bit precharge timer
–
Adjustable sample and hold capacitor array
–
Guard ring digital output drive
•
Zero-Cross Detect (ZCD):
–
Detect when AC signal on pin crosses ground
•
5-Bit Digital-to-Analog Converter (DAC):
–
Output available externally
–
Programmable 5-bit voltage (% of VDD)
–
Internal connections to comparators, Fixed Voltage Reference and ADC
•
Two Comparators (CMP):
–
Four external inputs
–
External output via PPS
•
Fixed Voltage Reference (FVR) module:
–
1.024V, 2.048V and 4.096V output levels
Clocking Structure
•
High-Precision Internal Oscillator Block (HFINTOSC):
–
Selectable frequencies up to 64 MHz
–
±1% at calibration
•
32 kHz Low-Power Internal Oscillator (LFINTOSC)
•
External 32 kHz Crystal Oscillator (SOSC)
•
External High-frequency Oscillator Block:
–
Three crystal/resonator modes
–
Digital clock input mode
–
4x PLL with external sources
•
Fail-Safe Clock Monitor:
–
Allows for safe shutdown if external clock stops
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com