Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology PIC18F2X Datasheet HTML 12Page - Microchip Technology PIC18F2X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
I/O(2)
28-Pin
SPDIP,
SOIC,
SSOP
28-Pin
(U)QFN
A/D
Reference Comparator Timers
CCP
CWG
ZCD Interrupt EUSART
DSM
MSSP
Pull-
up
Basic
VSS
8
5
—
—
—
—
—
—
—
—
—
—
—
—
VSS
OUT(2)
—
—
ADGRDA
ADGRDB
—
C1OUT
C2OUT
TMR0
CCP1
CCP2
PWM3
PWM4
CWG1A
CWG1B
CWG1C
CWG1D
—
—
TX1/
CK1(3)
DT1(3)
DSM
SDO1
SCK1
—
—
Note: 
1.
This is a PPS remappable input signal. The input function may be moved from the default location shown to one of several other PORTx pins. Refer to the
peripheral input selection table for details on which PORT pins may be used for this signal.
2.
All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several PORTx pin options as described in the
peripheral output selection table.
3.
This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers.
4.
These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RB1) will
operate, but input logic levels will be standard TTL/ST as selected by the INLVL register, instead of the I2C specific or SMBus input buffer thresholds.
Table 2.  40/44-Pin Allocation Table
I/O(2)
40-
Pin
PDIP
40-
Pin
UQFN
44-
Pin
QFN
44-
Pin
TQFP
A/D
Reference Comparator Timers
CCP
CWG
ZCD Interrupt EUSART
DSM
MSSP
Pull-
up
Basic
RA0
2
17
19
19
ANA0
—
C1INO-
C2IN0-
—
—
—
—
IOCA0
—
—
—
Y
—
RA1
3
18
20
20
ANA1
—
C1IN1-
C2IN1-
—
—
—
—
IOCA1
—
—
—
Y
—
RA2
4
19
21
21
ANA2
DAC1OUT1
Vref-
(DAC5)
Vref- (ADC)
C1IN0+
C2IN0+
—
—
—
—
IOCA2
—
—
—
Y
—
RA3
5
20
22
22
ANA3
Vref+
(DAC5)
Vref+
(ADC)
C1IN1+
—
—
—
—
IOCA3
—
MDCIN1(1)
—
Y
—
RA4
6
21
23
23
ANA4
—
—
T0CKI(1)
—
—
—
IOCA4
—
MDCIN2(1)
—
Y
—
RA5
7
22
24
24
ANA5
—
—
—
—
—
—
IOCA5
—
MDMIN(1)
SS1(1)
Y
—
RA6
14
29
33
31
ANA6
—
—
—
—
—
—
IOCA6
—
—
—
Y
CLKOUT
OSC2
RA7
13
28
32
30
ANA7
—
—
—
—
—
—
IOCA7
—
—
—
Y
OSC1
CLKIN
RB0
33
8
9
8
ANB0
—
C2IN1+
—
—
CWG1(1) ZCDIN IOCB0
INT0(1)
—
—
SS2(1)
Y
—
RB1
34
9
10
9
ANB1
—
C1IN3-
C2IN3-
—
—
—
—
IOCB1
INT1(1)
—
—
SCK2(1)
SCL2(3,4)
Y
—
RB2
35
10
11
10
ANB2
—
—
—
—
—
—
IOCB2
INT2(1)
—
—
SDI2(1)
SDA2(3,4)
Y
—
RB3
36
11
12
11
ANB3
—
C1IN2-
C2IN2-
—
—
—
—
IOCB3
—
—
—
Y
—
RB4
37
12
14
14
ANB4
—
—
T5G(1)
—
—
—
IOCB4
—
—
—
Y
—
RB5
38
13
15
15
ANB5
—
—
T1G(1)
—
—
—
IOCB5
—
—
—
Y
—
RB6
39
14
16
16
ANB6
—
—
—
—
—
—
IOCB6 CK2(1,3)
—
—
Y
ICSPCLK
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com