Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 5 Page - Microchip Technology

  PIC18F2X Datasheet HTML 1Page - Microchip Technology PIC18F2X Datasheet HTML 2Page - Microchip Technology PIC18F2X Datasheet HTML 3Page - Microchip Technology PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Packages
SPDIP
(SP)
SOIC
(SO)
SSOP
(SS)
QFN
(ML)
(6x6x0.9)
UQFN
(MV)
(4x4x0.5)
TQFP
(PT)
PDIP
(P)
UQFN
(MV)
(5x5x0.5)
QFN
(ML)
(8x8)
PIC18F46Q10
●
●
●
●
PIC18F47Q10
●
●
●
●
Important:  Pin details are subject to change.
Pin Diagrams
Figure 1. 28-pin SPDIP, SSOP, SOIC
Filename:
00-000028A.vsd
Title:
28-pin DIP
Last Edit:
3/6/2017
First Used:
N/A
Notes:
Generic 28-pin dual in-line diagram
Rev. 00-000 028A
3/6/201 7
MCLR/VPP/RE3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RA0
RA1
RA2
RA3
RA4
RA5
VSS
RA7
RA6
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
VSS
VDD
RB0
RB1
RB2
RB3
RB4
RB6
RB6/ICSPCLK
RB7/ICSPDAT
Figure 2. 28-pin QFN, UQFN
Rev. 00-000028B
6/23/2017
28 27
RB3
RB2
RC7
VSS
RB1
RB0
VDD
26 25 24 23 22
8 9 10 11 12 13 14
15
16
17
18
19
20
21
7
6
5
4
3
2
1
RA2
RA3
RA6
RA7
RA4
RA5
VSS
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com