Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 2Page - Microchip Technology PIC18F2X Datasheet HTML 3Page - Microchip Technology PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Note:  It is recommended that the exposed bottom pad be connected to VSS, however it must not be the only
VSS connection to the device.
Figure 3. 40-pin PDIP
Filename:
00-000040A.vsd
Title:
40-pin DIP
Last Edit:
3/6/2017
First Used:
N/A
Notes:
Generic 40-pin dual in-line diagram
Rev. 00-000 040A
3/6/201 7
MCLR/VPP/RE3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RA0
RA1
RA2
RA3
RA4
RA5
VSS
RA7
RA6
RC0
RC1
RC2
RC3
RD4
RD5
RD6
RD7
VSS
VDD
RB0
RB1
RB2
RB3
RB4
RB6
RB6/ICSPCLK
RB7/ICSPDAT
15
16
17
18
19
20
26
25
24
23
22
21
RD0
RD1
VDD
RE0
RE1
RE2
RD2
RD3
RC4
RC5
RC6
RC7
Figure 4. 40-pin UQFN
Filename:
00-000040B.vsd
Title:
40-pin QFN
Last Edit:
5/15/2017
First Used:
N/A
Notes:
Generic 40-pin QFN diagram
Rev. 00-000 040B
5/15/201 7
40 39
RC0
RA6
RE1
RE0
RA5
RA4
RE2
RA7
VSS
VDD
38 37 36 35 34 33 32 31
11 12 13 14 15 16 17 18 19 20
21
22
23
24
25
26
27
28
29
30
10
9
8
7
6
5
4
3
2
1
RC7
RD4
VDD
RB0
RB1
RB2
VSS
RD5
RD6
RD7
Note:  It is recommended that the exposed bottom pad be connected to VSS, however it must not be the only
VSS connection to the device.
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com