Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 1 Page - Microchip Technology

  PIC18F2X Datasheet HTML 1Page - Microchip Technology PIC18F2X Datasheet HTML 2Page - Microchip Technology PIC18F2X Datasheet HTML 3Page - Microchip Technology PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PIC18F2X/4XQ10
PIC18F2X/4XQ10 Product Brief
Description
PIC18F2x/4xQ10 microcontrollers feature Analog, Core Independent, and Communication Peripherals for
a wide range of general purpose and low-power applications. These 28/40/44 -pin devices are equipped
with a 10-bit ADC with Computation (ADC2) automating Capacitive Voltage Divider (CVD) techniques for
advanced touch sensing, averaging, filtering, oversampling and performing automatic threshold
comparisons. They also offer a set of Core Independent Peripherals such as Complementary Waveform
Generator (CWG), Windowed Watchdog Timer (WWDT), Cyclic Redundancy Check (CRC)/Memory
Scan, Zero-Cross Detect (ZCD), Configurable Logic Cell (CLC), and Peripheral Pin Select (PPS),
providing for increased design flexibility and lower system cost.
Core Features
•
C Compiler Optimized RISC Architecture
•
Operating Speed:
–
DC – 64 MHz clock input over the full VDD range
–
62.5 ns minimum instruction cycle
•
Programmable 2-Level Interrupt Priority
•
31-Level Deep Hardware Stack
•
Three 8-Bit Timers (TMR2/4/6) with Hardware Limit Timer (HLT)
•
Four 16-Bit Timers (TMR0/1/3/5)
•
Low-Current Power-on Reset (POR)
•
Power-up Timer (PWRT)
•
Brown-out Reset (BOR)
•
Low-Power BOR (LPBOR) Option
•
Windowed Watchdog Timer (WWDT):
–
Watchdog Reset on too long or too short interval between watchdog clear events
–
Variable prescaler selection
–
Variable window size selection
–
All sources configurable in hardware or software
Memory
•
Up to 128K bytes Program Flash Memory
•
Up to 3615 Bytes Data SRAM Memory
•
Up to 1024 Bytes Data EEPROM
•
Programmable Code Protection
•
Direct, Indirect and Relative Addressing modes
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 1


Similar Part No. - PIC18F2X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
560Kb / 17P
Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
07/14/15
PIC18F2X1X MICROCHIP-PIC18F2X1X Datasheet
6Mb / 380P
28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY
2004
PIC18F2X1X MICROCHIP-PIC18F2X1X Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results

Similar Description - PIC18F2X

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com