Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F2X Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 3Page - Microchip Technology PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 5. 44-pin TQFP
Filename:
00-000044A.vsd
Title:
44-pin TQFP
Last Edit:
5/15/2017
First Used:
N/A
Notes:
Generic 44-pin TQFP diagram
Rev. 00-000 044A
5/15/201 7
40 39
RA6
RA7
RE1
RE0
RA5
RA4
RE2
NC
VSS
VDD
38 37 36 35 34
33
32
31
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
10
9
8
7
6
5
4
3
2
1
RC7
RD4
VDD
RB0
RB1
RB2
VSS
RD5
RD6
RD7
11
44 43 42 41
NC
NC
Figure 6. 44-pin QFN
Filename:
00-000044B.vsd
Title:
44-pin QFN
Last Edit:
5/15/2017
First Used:
N/A
Notes:
Generic 44-pin QFN diagram
Rev. 00-000 044B
5/15/201 7
40 39
RA6
RA7
RE1
RE0
RA5
RA4
RE2
NC
VSS
VDD
38 37 36 35 34
33
32
31
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
10
9
8
7
6
5
4
3
2
1
RC7
RD4
VDD
RB0
RB1
RB2
VSS
RD5
RD6
RD7
11
44 43 42 41
NC
NC
Note:  It is recommended that the exposed bottom pad be connected to VSS, however it must not be the only
VSS connection to the device.
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com